Part Number Hot Search : 
N6302 C5121 500RL F06T4 MAE13030 HT9274 SBS00 T4005
Product Description
Full Text Search
 

To Download DLP11SN900SL2L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.murata.com/ data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s specifications are subject t o change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical specifications because there is no space for detailed specifications. therefore, please appr ove our product specifications or transact the approval sheet for product specifications before ordering. 1 o this data sheet is applied for chip common mode choke coil used for general electronics equipment for your design. 2007.11.1 noise suppression products/emi suppression filters > chip common mode choke coils > film type chip common mode choke coils film type dlp11s series (0504 size) o 1.0 0.1 1.25 0.1 0.82 0.1 0.3 0.1 (in mm) 0.55 0.1 0.25 +0.1 -0.05 (1) (2) (3) (4) 1 10 100 1000 10000 1 10 100 1000 10000 frequency (mhz) impedance ( ? ) common mode differential mode dlp11sn900sl2 dlp11sn201sl2 dlp11sn900sl2 dlp11sn201sl2 (1) (2) (4) (3) no polarity. for your new designs, alternative parts should be used. these parts should be used only for existing design. please consult wit h us for details.  dimension  impedance-frequency characteristics  equivalent circuit  packaging code packaging minimum quantity l 180mm embossed tape 3000 b bulk(bag) 500  rated value ( p : packaging code) part number common mode impedance (at 100mhz/20 c) rated current rated voltage insulation resistance (min.) withstand voltage dc resistance operating temperature range number of circuit dlp11sn201sl2 p 200ohm 20% 130ma 5vdc 100m ohm 12.5vdc 2.5ohm 25% -40 c to 85 c 1 dlp11sn900sl2 p 90ohm 20% 160ma 5vdc 100m ohm 12.5vdc 1.4ohm 25% -40 c to 85 c 1 ! caution (rating) do not use products beyond the rated current and rated voltage as this may create excessive heat and deteriorate the insulation resistance. notice solderability of tin plating termination chip might be deteriorated when low temperature soldering profile where peak solder temperature is below the tin melting point is used. please confirm the solderability of tin plating termination chip before use.  ! caution/notice


▲Up To Search▲   

 
Price & Availability of DLP11SN900SL2L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X